| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VE...ALZQ1 Fiches technique(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 Fiches technique(HTML) 64 Page - Texas Instruments |
|
64 / 251 page ![]() Table 6-8. GPIO0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN GPIO0_62 IO General Purpose Input/Output P24 GPIO0_63 IO General Purpose Input/Output M23 GPIO0_64 IO General Purpose Input/Output P23 GPIO0_65 IO General Purpose Input/Output N24 6.3.3.2 WKUP Domain Table 6-9. WKUP_GPIO0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN WKUP_GPIO0_0 IO General Purpose Input/Output D26 WKUP_GPIO0_1 IO General Purpose Input/Output E24 WKUP_GPIO0_2 IO General Purpose Input/Output C28 WKUP_GPIO0_3 IO General Purpose Input/Output C27 WKUP_GPIO0_4 IO General Purpose Input/Output C23 WKUP_GPIO0_5 IO General Purpose Input/Output F26 WKUP_GPIO0_6 IO General Purpose Input/Output E25 WKUP_GPIO0_7 IO General Purpose Input/Output F28 WKUP_GPIO0_8 IO General Purpose Input/Output F24 WKUP_GPIO0_9 IO General Purpose Input/Output H26 WKUP_GPIO0_10 IO General Purpose Input/Output F27 WKUP_GPIO0_11 IO General Purpose Input/Output F25 WKUP_GPIO0_12 IO General Purpose Input/Output C25 WKUP_GPIO0_13 IO General Purpose Input/Output C24 WKUP_GPIO0_14 IO General Purpose Input/Output B24 WKUP_GPIO0_15 IO General Purpose Input/Output D25 WKUP_GPIO0_16 IO General Purpose Input/Output D19 WKUP_GPIO0_17 IO General Purpose Input/Output E20 WKUP_GPIO0_18 IO General Purpose Input/Output E18 WKUP_GPIO0_19 IO General Purpose Input/Output C19 WKUP_GPIO0_20 IO General Purpose Input/Output F16 WKUP_GPIO0_21 IO General Purpose Input/Output G15 WKUP_GPIO0_22 IO General Purpose Input/Output F18 WKUP_GPIO0_23 IO General Purpose Input/Output E19 WKUP_GPIO0_24 IO General Purpose Input/Output G19 WKUP_GPIO0_25 IO General Purpose Input/Output F19 WKUP_GPIO0_26 IO General Purpose Input/Output F20 WKUP_GPIO0_27 IO General Purpose Input/Output F15 WKUP_GPIO0_28 IO General Purpose Input/Output G17 WKUP_GPIO0_29 IO General Purpose Input/Output F14 WKUP_GPIO0_30 IO General Purpose Input/Output F17 WKUP_GPIO0_31 IO General Purpose Input/Output A19 WKUP_GPIO0_32 IO General Purpose Input/Output B20 WKUP_GPIO0_33 IO General Purpose Input/Output B19 WKUP_GPIO0_34 IO General Purpose Input/Output D21 WKUP_GPIO0_35 IO General Purpose Input/Output G20 WKUP_GPIO0_36 IO General Purpose Input/Output C20 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 64 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |