| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA821U4...ALM Fiches technique(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM Fiches technique(HTML) 87 Page - Texas Instruments |
|
87 / 252 page ![]() Table 6-106. Pin Multiplexing (continued) ADDR ESS OFFSE T REGISTER NAME BALL NUMB ER MUXMODE[15:0] SETTINGS 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Bootstrap 0x1C0 C8 WKUP_PADCON FIG_50 D14 MCU_SPI1 _D1 MCU_SPI1 _D1 WKUP_GP IO0_2 MCU_BOO TMODE05 0x1C0 CC WKUP_PADCON FIG_51 B21 MCU_SPI1 _CS0 MCU_SPI1 _CS0 WKUP_GP IO0_3 0x1C0 CC PADCONFIG_51 V4 SPI0_D0 UART1_RT Sn I2C2_SDA GPIO0_54 0x1C0 D0 WKUP_PADCON FIG_52 D13 MCU_MCA N1_TX MCU_MCA N1_TX MCU_SPI0 _CS3 MCU_ADC _EXT_TRI GGER0 WKUP_GP IO0_4 0x1C0 D0 PADCONFIG_52 T5 SPI0_D1 GPIO0_55 0x1C0 D4 PADCONFIG_53 V3 I2C0_SCL GPIO0_56 0x1C0 D4 WKUP_PADCON FIG_53 B16 MCU_MCA N1_RX MCU_MCA N1_RX MCU_SPI1 _CS3 MCU_ADC _EXT_TRI GGER1 WKUP_GP IO0_5 0x1C0 D8 PADCONFIG_54 W2 I2C0_SDA GPIO0_57 0x1C0 D8 WKUP_PADCON FIG_54 C14 WKUP_UA RT0_CTSn WKUP_UA RT0_CTSn MCU_CPT S0_HW1T SPUSH MCU_I2C1 _SCL WKUP_GP IO0_6 0x1C0 DC PADCONFIG_55 U3 ECAP0_IN _APWM_O UT SYNC0_O UT CPTS0_RF T_CLK I2C1_SCL CPTS0_H W1TSPUS H UART3_RX D SPI7_CS0 GPIO0_58 0x1C0 DC WKUP_PADCON FIG_55 C18 WKUP_UA RT0_RTSn WKUP_UA RT0_RTSn MCU_CPT S0_HW2T SPUSH MCU_I2C1 _SDA WKUP_GP IO0_7 0x1C0 E0 PADCONFIG_56 T3 EXT_REFC LK1 SYNC1_O UT I2C1_SDA CPTS0_H W2TSPUS H UART3_TX D SPI7_CLK GPIO0_59 0x1C0 E0 WKUP_PADCON FIG_56 C21 MCU_I2C1 _SCL MCU_I2C1 _SCL MCU_CPT S0_TS_SY NC MCU_I3C0 _SCL MCU_TIME R_IO6 WKUP_GP IO0_8 0x1C0 E4 PADCONFIG_57 V1 TIMER_IO 0 ECAP1_IN _APWM_O UT SYSCLKO UT0 UART3_CT Sn SPI7_D0 GPIO0_60 MMC1_SD CD 0x1C0 E4 WKUP_PADCON FIG_57 C19 MCU_I2C1 _SDA MCU_I2C1 _SDA MCU_CPT S0_TS_CO MP MCU_I3C0 _SDA MCU_TIME R_IO7 WKUP_GP IO0_9 0x1C0 E8 PADCONFIG_58 W1 TIMER_IO 1 ECAP2_IN _APWM_O UT OBSCLK0 UART3_RT Sn SPI7_D1 GPIO0_61 MMC1_SD WP PCIE1_CL KREQn 0x1C0 E8 WKUP_PADCON FIG_58 C20 MCU_EXT _REFCLK0 MCU_EXT _REFCLK0 MCU_UAR T0_TXD MCU_ADC _EXT_TRI GGER0 MCU_CPT S0_RFT_C LK MCU_SYS CLKOUT0 WKUP_GP IO0_10 0x1C0 EC WKUP_PADCON FIG_59 C16 MCU_OBS CLK0 MCU_OBS CLK0 MCU_UAR T0_RXD MCU_ADC _EXT_TRI GGER1 MCU_TIME R_IO1 MCU_I3C0 _SDAPULL EN MCU_CLK OUT0 WKUP_GP IO0_11 www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 87 Product Folder Links: DRA821U-Q1 |