| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA821U4...ALM Fiches technique(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM Fiches technique(HTML) 85 Page - Texas Instruments |
|
85 / 252 page ![]() Table 6-106. Pin Multiplexing (continued) ADDR ESS OFFSE T REGISTER NAME BALL NUMB ER MUXMODE[15:0] SETTINGS 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Bootstrap 0x1C07 0 WKUP_PADCON FIG_28 C12 MCU_RGM II1_TD3 MCU_TIME R_IO2 MCU_ADC _EXT_TRI GGER0 WKUP_GP IO0_44 0x1C07 0 PADCONFIG_28 U17 MCAN10_T X RGMII3_T X_CTL MCAN10_T X GPIO0_29 SPI3_D1 EHRPWM_ SOCB TRC_DATA 10 UART2_CT Sn MCASP0_ ACLKR GPMC0_W AIT1 GPMC0_A 22 0x1C07 4 PADCONFIG_29 U20 MCAN10_ RX RGMII3_T XC MCAN10_ RX GPIO0_30 SPI2_CLK EHRPWM4 _A TRC_DATA 16 UART2_RT Sn MCASP0_ AXR6 GPMC0_B E0n_CLE GPMC0_A 16 0x1C07 4 WKUP_PADCON FIG_29 B12 MCU_RGM II1_TD2 MCU_TIME R_IO3 MCU_ADC _EXT_TRI GGER1 WKUP_GP IO0_45 0x1C07 8 WKUP_PADCON FIG_30 B11 MCU_RGM II1_TD1 MCU_RMII 1_TXD1 WKUP_GP IO0_46 0x1C07 8 PADCONFIG_30 Y14 MCAN11_T X RGMII2_R XC MCAN11_T X GPIO0_31 SPI2_CS0 EQEP0_A SPI0_CS2 UART3_RX D MCASP0_ AXR13 GPMC0_A 11 UART0_DT Rn 0x1C07 C PADCONFIG_31 Y13 MCAN11_ RX RGMII2_R D0 MCAN11_ RX GPIO0_32 SPI2_CS1 EQEP0_B UART3_TX D MCASP0_ AXR14 GPMC0_A 12 UART0_RI n 0x1C07 C WKUP_PADCON FIG_31 D10 MCU_RGM II1_TD0 MCU_RMII 1_TXD0 WKUP_GP IO0_47 0x1C08 0 PADCONFIG_32 AA15 MCAN12_T X RGMII2_R D1 MCAN12_T X GPIO0_33 SPI2_CS2 EQEP1_A I2C6_SCL UART2_RX D MCASP0_ AXR15 GPMC0_B E1n GPMC0_A 17 0x1C08 0 WKUP_PADCON FIG_32 A12 MCU_RGM II1_TXC MCU_RMII 1_TX_EN WKUP_GP IO0_48 0x1C08 4 WKUP_PADCON FIG_33 B10 MCU_RGM II1_RXC MCU_RMII 1_REF_CL K WKUP_GP IO0_49 0x1C08 4 PADCONFIG_33 AA14 MCAN12_ RX RGMII2_R D2 MCAN12_ RX GPIO0_34 SPI2_CS3 EQEP1_B I2C6_SDA UART2_TX D MCASP1_ AXR8 I3C0_SDA PULLEN GPMC0_A 18 0x1C08 8 PADCONFIG_34 AA18 MCAN13_T X RGMII2_R D3 GPMC0_W Pn MCAN13_T X GPIO0_35 SPI2_D0 EQEP0_S I2C5_SCL UART8_CT Sn MCASP1_ AXR9 I3C0_SCL GPMC0_A 19 0x1C08 8 WKUP_PADCON FIG_34 C10 MCU_RGM II1_RD3 MCU_TIME R_IO4 WKUP_GP IO0_50 0x1C08 C PADCONFIG_35 AA16 MCAN13_ RX RGMII2_R X_CTL GPMC0_C Sn3 MCAN13_ RX GPIO0_36 SPI2_D1 EQEP0_I I2C5_SDA UART8_RT Sn MCASP2_ AXR0 I3C0_SDA GPMC0_A 20 0x1C08 C WKUP_PADCON FIG_35 A10 MCU_RGM II1_RD2 MCU_TIME R_IO5 WKUP_GP IO0_51 0x1C09 0 WKUP_PADCON FIG_36 B9 MCU_RGM II1_RD1 MCU_RMII 1_RXD1 WKUP_GP IO0_52 0x1C09 0 PADCONFIG_36 W17 MCAN15_T X RGMII2_T D0 RMII2_RX D0 GPIO0_37 SPI6_CS2 EQEP1_S MCAN15_T X GPMC0_C Sn2 MCASP2_ AXR1 GPMC0_A 0 GPMC0_A 21 0x1C09 4 PADCONFIG_37 W20 MCAN15_ RX RGMII2_T D1 RMII2_RX D1 GPIO0_38 SPI6_CS3 EQEP1_I MCAN15_ RX MCASP2_ AXR2 GPMC0_A 15 GPMC0_A DVn_ALE 0x1C09 4 WKUP_PADCON FIG_37 A9 MCU_RGM II1_RD0 MCU_RMII 1_RXD0 WKUP_GP IO0_53 0x1C09 8 PADCONFIG_38 V14 UART2_RX D RGMII2_T D2 RMII2_CR S_DV GPIO0_39 SPI6_CLK GPMC0_C LKOUT GPMC0_F CLK_MUX UART2_RX D MCASP2_ AXR3 OBSCLK2 0x1C09 8 WKUP_PADCON FIG_38 C9 MCU_MDI O0_MDIO WKUP_GP IO0_54 www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 85 Product Folder Links: DRA821U-Q1 |