Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA821U4...ALM Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Fiches technique(HTML) 5 Page - Texas Instruments

  DRA821U4...ALM Datasheet HTML 1Page - Texas Instruments DRA821U4...ALM Datasheet HTML 2Page - Texas Instruments DRA821U4...ALM Datasheet HTML 3Page - Texas Instruments DRA821U4...ALM Datasheet HTML 4Page - Texas Instruments DRA821U4...ALM Datasheet HTML 5Page - Texas Instruments DRA821U4...ALM Datasheet HTML 6Page - Texas Instruments DRA821U4...ALM Datasheet HTML 7Page - Texas Instruments DRA821U4...ALM Datasheet HTML 8Page - Texas Instruments DRA821U4...ALM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 252 page
background image
4 Revision History
Changes from December 17, 2021 to December 16, 2022 (from Revision C (December 2021) to
Revision D (December 2022))
Page
• Global: Changed the document product status from Advance Information (AI) to Production Mixed Status",
where the document content includes both "Production Data" and preproduction (AI) information, noted as
preproduction, Advance Information (AI), or preview......................................................................................... 1
• Global: The Device Type field description in the Device Naming Convention section, has preproduction (AI)
information, noted as preproduction, Advance Information (AI), or preview.......................................................1
• (Features): Added clarification to the "Supports LPDDR4 memory types …" sub-bullet....................................1
• (Device Information): Updated/Changed the table title to "Package Information" plus, added additional part
numbers..............................................................................................................................................................2
• (Device Comparison): Updated/Changed the General-Purpose I/O (GPIO) from "Up to 127" to "Up to 141" for
both GPNs: DRA821U4 and DRA821U2............................................................................................................8
• (Device Comparison): Added a QSGMII mode of operation under the "DRA821U4 CPSW5G supports …".....8
• (Power Supply): Added "±10%" to the "This pin must always be connected …" footnote................................ 79
• (Connections for Unused Pins): Deleted Notes on VMON balls and MMC1_SDCD........................................ 91
• (Specifications): Deleted lead-in Note.............................................................................................................. 94
• (Abs Max Ratings): Added Latch-up Performance, Class II (125°C) row and associated footnote..................94
• (Absolute Maximum Ratings): Updated the "Operation outside the Absolute Maximum Ratings may cause …"
disclaimer footnote............................................................................................................................................94
• (Recommended Operating Conditions): Added a footnote indicating a single 0.8-V source must drive all four
VDDA_CORE, VDDA_0P8_SERDES0, VDDA_0P8_SERDES0_C, and VDDA_0P8_USB supplies............. 96
• (Power Consumption Summary): Deleted section............................................................................................98
• (I2C OD FS Electrical Characteristics): Updated /Changed I(OL) from "3" to "10" mA.................................... 99
• (ADC12BT Electrical Characteristics): Updated/Changed DNL, Differential Non-Linearity MAX value from "2"
to "4" LSB....................................................................................................................................................... 102
• (ADC12BT Electrical Characteristics): Updated/Changed INL, Integral Non-Linearity MAX value from "±3" to
"±4" LSB..........................................................................................................................................................102
• Timing and Switching Characteristics): Updated/Changed Note on valid timings from SLEWRATE to
DVR_STR (Drvie Strength) control discussion............................................................................................... 108
• (Power Supply Sequencing): Updated/Changed Power Up and Down images for all domains
[OSC1_XO(optional) and WKUP_OSC_XO].................................................................................................. 109
• (Power Supply Sequencing): Deleted the "All power sequence timing shown …" Note.................................109
• (Combined MCU and Main Domains Power- Up Sequencing): Deleted duplicate bullets from the Terminology
textnote under figure....................................................................................................................................... 110
• (Entry and Exit of MCU Only State): Added missing sentence content for end of paragraph.........................118
• (System Timing): Added section (new)........................................................................................................... 122
• (Reset Timing): Updated/Changed section including Timing Requirements tables, associated figures, addition
of footnotes/notes........................................................................................................................................... 122
• (Safety Signal Timing): Added new section.................................................................................................... 130
• (CPSW2G): Added "PCB CONNECTIVITY REQUIREMENTS" parametric information to the CPSW2G Timing
Conditions table.............................................................................................................................................. 146
• (Switching Characteristics for RMII[x]_TXD[1:0], and RMII[x]_TXEN – RMII Mode): Updated/Changed the
RMII6 Delay Time MAX values from "13" to "10" ns.......................................................................................147
• (CPSW5G): Added "PCB CONNECTIVITY REQUIREMENTS" parametric information to the CPSW5G Timing
Conditions table.............................................................................................................................................. 150
• (CPSW5G MDIO Interface Timings): Added CPSW5G MDIO Timing Conditions table ................................ 151
• (Switching Characteristics for RMII[x]_TXD[1:0], and RMII[x]_TXEN – RMII Mode): Updated/Changed the
RMII6 Delay Time MAX values from "13" to "10" ns.......................................................................................153
• (DDRSS): Added an additional bullet the "… LPDDR4 SDRAM devices with the following features:" list..... 155
• Updated min values for Timing Requirements for EPWM table......................................................................157
• (GPIO Timing Conditions): Updated/Changed Input Conditions and Timing Requirements tables to reflect
current.............................................................................................................................................................160
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More