| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA821U4...ALM Fiches technique(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM Fiches technique(HTML) 76 Page - Texas Instruments |
|
76 / 252 page ![]() Table 6-94. DMTIMER Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_TIMER_IO3 Timer Inputs and Outputs (not tied to single timer instance) IO B12 MCU_TIMER_IO4 Timer Inputs and Outputs (not tied to single timer instance) IO C10 MCU_TIMER_IO5 Timer Inputs and Outputs (not tied to single timer instance) IO A10 MCU_TIMER_IO6 Timer Inputs and Outputs (not tied to single timer instance) IO C21, D21 MCU_TIMER_IO7 Timer Inputs and Outputs (not tied to single timer instance) IO C19, E19 MCU_TIMER_IO8 Timer Inputs and Outputs (not tied to single timer instance) IO E20 MCU_TIMER_IO9 Timer Inputs and Outputs (not tied to single timer instance) IO E21 6.3.24 Emulation and Debug 6.3.24.1 MAIN Domain Table 6-95. JTAG Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EMU0 Emulation Control 0 IO A13 EMU1 Emulation Control 1 IO D12 TCK JTAG Test Clock Input I B15 TDI JTAG Test Data Input I F19 TDO JTAG Test Data Output OZ F21 TMS JTAG Test Mode Select Input I U4 TRSTn JTAG Reset I B20 Table 6-96. Trace Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] TRC_CLK Trace Clock O W15 TRC_CTL Trace Control O Y16 TRC_DATA0 Trace Data 0 O W16 TRC_DATA1 Trace Data 1 O Y21 TRC_DATA2 Trace Data 2 O Y19 TRC_DATA3 Trace Data 3 O Y18 TRC_DATA4 Trace Data 4 O Y20 TRC_DATA5 Trace Data 5 O AA19 TRC_DATA6 Trace Data 6 O Y17 TRC_DATA7 Trace Data 7 O AA20 TRC_DATA8 Trace Data 8 O Y15 TRC_DATA9 Trace Data 9 O AA17 TRC_DATA10 Trace Data 10 O U17 TRC_DATA11 Trace Data 11 O U15 TRC_DATA12 Trace Data 12 O U18 TRC_DATA13 Trace Data 13 O T14 TRC_DATA14 Trace Data 14 O U19 DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 76 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |