| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G3 Fiches technique(PDF) 28 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-G3 Fiches technique(HTML) 28 Page - Cree LED |
|
28 / 48 page ![]() XLAMP® XP-G3 LED © 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. CLD-DS139 REV 9 28 Region x y Region x y Region x y Region x y 5A1 0.3670 0.3578 5A2 0.3686 0.3649 5A3 0.3744 0.3685 5A4 0.3726 0.3612 0.3686 0.3649 0.3702 0.3722 0.3763 0.3760 0.3744 0.3685 0.3744 0.3685 0.3763 0.3760 0.3825 0.3798 0.3804 0.3721 0.3726 0.3612 0.3744 0.3685 0.3804 0.3721 0.3783 0.3646 5B1 0.3702 0.3722 5B2 0.3719 0.3797 5B3 0.3782 0.3837 5B4 0.3763 0.3760 0.3719 0.3797 0.3736 0.3874 0.3802 0.3916 0.3782 0.3837 0.3782 0.3837 0.3802 0.3916 0.3869 0.3958 0.3847 0.3877 0.3763 0.3760 0.3782 0.3837 0.3847 0.3877 0.3825 0.3798 5C1 0.3825 0.3798 5C2 0.3847 0.3877 5C3 0.3912 0.3917 5C4 0.3887 0.3836 0.3847 0.3877 0.3869 0.3958 0.3937 0.4001 0.3912 0.3917 0.3912 0.3917 0.3937 0.4001 0.4006 0.4044 0.3978 0.3958 0.3887 0.3836 0.3912 0.3917 0.3978 0.3958 0.3950 0.3875 5D1 0.3783 0.3646 5D2 0.3804 0.3721 5D3 0.3863 0.3758 5D4 0.3840 0.3681 0.3804 0.3721 0.3825 0.3798 0.3887 0.3836 0.3863 0.3758 0.3863 0.3758 0.3887 0.3836 0.3950 0.3875 0.3924 0.3794 0.3840 0.3681 0.3863 0.3758 0.3924 0.3794 0.3898 0.3716 6A1 0.3889 0.3690 6A2 0.3915 0.3768 6A3 0.3981 0.3800 6A4 0.3953 0.3720 0.3915 0.3768 0.3941 0.3848 0.4010 0.3882 0.3981 0.3800 0.3981 0.3800 0.4010 0.3882 0.4080 0.3916 0.4048 0.3832 0.3953 0.3720 0.3981 0.3800 0.4048 0.3832 0.4017 0.3751 6B1 0.3941 0.3848 6B2 0.3968 0.3930 6B3 0.4040 0.3966 6B4 0.4010 0.3882 0.3968 0.3930 0.3996 0.4015 0.4071 0.4052 0.4040 0.3966 0.4040 0.3966 0.4071 0.4052 0.4146 0.4089 0.4113 0.4001 0.4010 0.3882 0.4040 0.3966 0.4113 0.4001 0.4080 0.3916 6C1 0.4080 0.3916 6C2 0.4113 0.4001 6C3 0.4186 0.4037 6C4 0.4150 0.3950 0.4113 0.4001 0.4146 0.4089 0.4222 0.4127 0.4186 0.4037 0.4186 0.4037 0.4222 0.4127 0.4299 0.4165 0.4259 0.4073 0.4150 0.3950 0.4186 0.4037 0.4259 0.4073 0.4221 0.3984 6D1 0.4017 0.3751 6D2 0.4048 0.3832 6D3 0.4116 0.3865 6D4 0.4082 0.3782 0.4048 0.3832 0.4080 0.3916 0.4150 0.3950 0.4116 0.3865 0.4116 0.3865 0.4150 0.3950 0.4221 0.3984 0.4183 0.3898 0.4082 0.3782 0.4116 0.3865 0.4183 0.3898 0.4147 0.3814 7A1 0.4147 0.3814 7A2 0.4183 0.3898 7A3 0.4242 0.3919 7A4 0.4203 0.3833 0.4183 0.3898 0.4221 0.3984 0.4281 0.4006 0.4242 0.3919 0.4242 0.3919 0.4281 0.4006 0.4342 0.4028 0.4300 0.3939 0.4203 0.3833 0.4242 0.3919 0.4300 0.3939 0.4259 0.3853 PERFORMANCE GROUPS - CHROMATICITY (CONTINUED) |