Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XP-G3 Fiches technique(PDF) 37 Page - Cree LED

No de pièce XP-G3
Description  XLamp® XP-G3 LEDs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREELED [Cree LED]
Site Internet  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G3 Fiches technique(HTML) 37 Page - Cree LED

Back Button XP-G3 Datasheet HTML 33Page - Cree LED XP-G3 Datasheet HTML 34Page - Cree LED XP-G3 Datasheet HTML 35Page - Cree LED XP-G3 Datasheet HTML 36Page - Cree LED XP-G3 Datasheet HTML 37Page - Cree LED XP-G3 Datasheet HTML 38Page - Cree LED XP-G3 Datasheet HTML 39Page - Cree LED XP-G3 Datasheet HTML 40Page - Cree LED XP-G3 Datasheet HTML 41Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
XLAMP® XP-G3 LED
© 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product
and/or vendor endorsement, sponsorship or association.
CLD-DS139
REV 9
37
NOTES
Measurements
The luminous flux, radiant power, chromaticity, forward voltage and CRI measurements in this document are binning specifications only
and solely represent product measurements as of the date of shipment. These measurements will change over time based on a number
of factors that are not within Cree LED’s control and are not intended or provided as operational specifications for the products. Calculated
values are provided for informational purposes only and are not intended or provided as specifications.
Pre-Release Qualification Testing
Please read the LED Reliability Overview for details of the qualification process Cree LED applies to ensure long‑term reliability for XLamp
LEDs and details of Cree LED’s pre‑release qualification testing for XLamp LEDs. Cree LED did not perform Room Temperature Operating
Life (RTOL) testing on the XP‑G3 LED.
Lumen Maintenance
Cree LED now uses standardized IES LM‑80‑08 and TM‑21‑11 methods for collecting long‑term data and extrapolating LED lumen
maintenance. For information on the specific LM‑80 data sets available for this LED, refer to the public LM‑80 results document.
Please read the Long‑Term Lumen Maintenance application note for more details on Cree LED’s lumen maintenance testing and
forecasting. Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive
current affect the LED junction temperature.
Moisture Sensitivity
Cree LED recommends keeping XLamp LEDs in the provided, resealable moisture‑barrier packaging (MBP) until immediately prior to
soldering. Unopened MBPs that contain XLamp LEDs do not need special storage for moisture sensitivity.
Once the MBP is opened, XLamp XP‑G3 LEDs may be stored as MSL 1 per JEDEC J‑STD‑033, meaning they have unlimited floor life in
conditions of ≤ 30 ºC/85% relative humidity (RH). Regardless of the storage condition, Cree LED recommends sealing any unsoldered
LEDs in the original MBP.
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as
implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree LED representative or from the Product
Ecology section of the Cree LED website.
REACh Compliance
REACh substances of very high concern (SVHCs) information is available for this product. Since the European Chemical Agency (ECHA)
has published notice of their intent to frequently revise the SVHC listing for the foreseeable future, please contact a Cree LED representative
to insure you get the most up‑to‑date REACh Declaration. REACh banned substance information (REACh Article 67) is also available upon
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48