| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G3 Fiches technique(PDF) 38 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-G3 Fiches technique(HTML) 38 Page - Cree LED |
|
38 / 48 page ![]() XLAMP® XP-G3 LED © 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. CLD-DS139 REV 9 38 UL® Recognized Component This product meets the requirements to be considered a UL Recognized Component with Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750. Vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer to the LED Eye Safety application note. NOTES - CONTINUED |