| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G3 Fiches technique(PDF) 24 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-G3 Fiches technique(HTML) 24 Page - Cree LED |
|
24 / 48 page ![]() XLAMP® XP-G3 LED © 2016-2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. CLD-DS139 REV 9 24 PERFORMANCE GROUPS - LUMINOUS FLUX XLamp XP‑G3 White LEDs are tested for luminous flux and placed into one of the following luminous‑flux groups. Group Code Minimum Luminous Flux (lm) @ 350 mA Maximum Luminous Flux (lm) @ 350 mA Q4 100 107 Q5 107 114 R2 114 122 R3 122 130 R4 130 139 R5 139 148 S2 148 156 S3 156 164 S4 164 172 S5 172 180 S6 180 188 S7 188 196 S8 196 204 |