| Moteur de recherche de fiches techniques de composants électroniques |
|
SCAS290 Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCAS290 Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 53 page ![]() www.ti.com Digital Interface Connectors, P12/J12 and P22/J22 A.2 Digital Interface Connectors, P12/J12 and P22/J22 The TLV320AIC3204EVM is designed to easily interface with multiple control platforms. Samtec part numbers SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin, dual-row header/socket combination at P12/J12 and P22/J22. These headers/sockets provide access to the digital control and serial data pins of the device. Consult Samtec at www.samtec.com or call 1-800- SAMTEC-9 for a variety of mating connector options. Table 5 summarizes the digital interface pinout for the TLV320AIC3204EVM. Table 5. Digital Interface Pinout PIN NUMBER SIGNAL DESCRIPTION P12.1/J12.1 NC Not Connected P12.2/J12.2 NC Not Connected P12.3/J12.3 SCLK SPI Serial Clock P12.4/J12.4 DGND Digital Ground P12.5/J12.5 NC Not Connected P12.6/J12.6 NC Not Connected P12.7/J12.7 /SS SPI Chip Select P12.8/J12.8 NC Not Connected P12.9/J12.9 NC Not Connected P12.10/J12.10 DGND Digital Ground P12.11/J12.11 MOSI SPI MOSI Slave Serial Data Input P12.12/J12.12 NC Not Connected P12.13/J12.13 MISO SPI MISO Slave Serial Data Output P12.14/J12.14 RESET TAS1020B Reset P12.15/J12.15 NC Not Connected P12.16/J12.16 SCL I 2C Serial Clock P12.17/J12.17 NC Not Connected P12.18/J12.18 DGND Digital Ground P12.19/J12.19 NC Not Connected P12.20/J12.20 SDA I 2C Serial Data Input/Output P22.1/J22.1 NC Not Connected P22.2/J22.2 NC Not Connected P22.3/J22.3 BCLK Audio Serial Data Bus Bit Clock (Input/Output) P22.4/J22.4 DGND Digital Ground P22.5/J22.5 NC Not Connected P22.6/J22.6 NC Not Connected P22.7/J22.7 WCLK Audio Serial Data Bus Word Clock (Input/Output) P22.8/J22.8 NC Not Connected P22.9/J22.9 NC Not Connected P22.10/J22.10 DGND Digital Ground P22.11/J22.11 DIN Audio Serial Data Bus Data Input (Input) P22.12/J22.12 NC Not Connected P22.13/J22.13 DOUT Audio Serial Data Bus Data Output (Output) P22.14/J22.14 NC Not Connected P22.15/J22.15 NC Not Connected P22.16/J22.16 NC Not Connected P22.17/J22.17 MCLK Master Clock Input P22.18/J22.18 DGND Digital Ground P22.19/J22.19 NC Not Connected P22.20/J22.20 NC Not Connected 27 SLAU266A – October 2008 – Revised October 2012 EVM Connector Descriptions Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |