Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCAS290 Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 16Page - Texas Instruments SCAS290 Datasheet HTML 17Page - Texas Instruments SCAS290 Datasheet HTML 18Page - Texas Instruments SCAS290 Datasheet HTML 19Page - Texas Instruments SCAS290 Datasheet HTML 20Page - Texas Instruments SCAS290 Datasheet HTML 21Page - Texas Instruments SCAS290 Datasheet HTML 22Page - Texas Instruments SCAS290 Datasheet HTML 23Page - Texas Instruments SCAS290 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
AIC3204 Control Software
www.ti.com
Checking the Enable Polling box displays the DC measurement data.
Other flags related to this feature can be accessed at the Status Flags panel.
Figure 13. DC Measurement Panel
4.1.3
Control Categories
The Digital Settings, Analog Settings, and Signal Processing categories provide control of many
registers and other features of the TLV320AIC3204 . These categories are intended for the advanced
user. Hovering the mouse cursor on top of a control displays a tip strip that contains page, register, and bit
information. As an example, hovering on top of IN1_R of the Audio Inputs panel, as shown in Figure 14
displays p1_r55_b7-6 which means that this control writes to Page 1/Register 55/Bits D7 to D6.
20
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53