| Moteur de recherche de fiches techniques de composants électroniques |
|
SCAS290 Fiches technique(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCAS290 Fiches technique(HTML) 48 Page - Texas Instruments |
|
48 / 53 page ![]() USB-MODEVM Protocol www.ti.com If the command is sent with no problem, the returning byte [0] is the same as the sent one logically ORed with 0x20 - in the preceding first example, the returning packet is: [0] 0x31 [1] 0xA0 [2] 0x02 [3] 0x05 [4] 0xAA [5] 0x55 If for some reason the interface fails (for example, the I 2C device does not acknowledge), it comes back as: [0] 0x51 → interface | INTF_ERROR [1] 0xA0 [2] 0x02 [3] 0x05 [4] 0xAA [5] 0x55 If the request is malformed, that is, the interface byte (byte [0]) takes on a value which is not as previously described, the return packet is: [0] 0x93 → the user sent 0x13, which is not valid, so 0x93 returned [1] 0xA0 [2] 0x02 [3] 0x05 [4] 0xAA [5] 0x55 The preceding examples used writes. Reading is similar: Read two bytes from device starting at register 5 of an I 2C device with address A0: [0] 0x01 [1] 0xA0 [2] 0x02 [3] 0x05 42 USB-MODEVM Protocol SLAU266A – October 2008 – Revised October 2012 Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |