Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCAS290 Fiches technique(PDF) 15 Page - Texas Instruments

No de pièce SCAS290
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 Fiches technique(HTML) 15 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 11Page - Texas Instruments SCAS290 Datasheet HTML 12Page - Texas Instruments SCAS290 Datasheet HTML 13Page - Texas Instruments SCAS290 Datasheet HTML 14Page - Texas Instruments SCAS290 Datasheet HTML 15Page - Texas Instruments SCAS290 Datasheet HTML 16Page - Texas Instruments SCAS290 Datasheet HTML 17Page - Texas Instruments SCAS290 Datasheet HTML 18Page - Texas Instruments SCAS290 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
www.ti.com
AIC3204 Control Software
Figure 7. DRC Information Tab
Any item in the Features category can be accessed by a double-click. As soon as a Features panel
opens, a pop-up message appears asking to program the codec for that feature (see Figure 8). A
command script is sent to the codec if the OK button is clicked. This script programs all registers
necessary to evaluate the feature. This can be bypassed by clicking the Cancel button.
Figure 8. Program Codec Pop-Up Window
The script corresponding to each feature can be accessed at the Installation Directory\DATA\EVM folder.
Also, each script can be manually customized and loaded as the feature's start-up script as long as the file
name remains the same.
15
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53