Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF02 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 32Page - STMicroelectronics STNRGPF02 Datasheet HTML 33Page - STMicroelectronics STNRGPF02 Datasheet HTML 34Page - STMicroelectronics STNRGPF02 Datasheet HTML 35Page - STMicroelectronics STNRGPF02 Datasheet HTML 36Page - STMicroelectronics STNRGPF02 Datasheet HTML 37Page - STMicroelectronics STNRGPF02 Datasheet HTML 38Page - STMicroelectronics STNRGPF02 Datasheet HTML 39Page - STMicroelectronics STNRGPF02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
8
STNRGPF02/12 development tools
The development tools for the STNRGPFx2 are provided by:
•
eDesign Suite This tool uses a graphical user interface to guide customers step-by-step to implementation
of a solution in accordance with their specifications. The tool gives users the ability to navigate through an
interactive and hierarchical schematic, providing additional information like Bode diagrams for both the
current and the voltage loop, power loss calculation, bill of material, and easy shortcuts for datasheets and
product folder web pages. The final output of this process is a complete design, with a binary file that
contains the optimized firmware for that specific application, which can be uploaded to the STNRGPFx2
device using the UART serial communication port.
•
STNRG LOADER This tool permits the user to download the binary code from the eDesign Suite.
STNRGPF02, STNRGPF12
STNRGPF02/12 development tools
DS12895 - Rev 2
page 36/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43