| Moteur de recherche de fiches techniques de composants électroniques |
|
STNRGPF02 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF02 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 43 page ![]() Figure 6. Vin, Measurement 3.2.2 Ambient temperature measurements Pin 32, Temp. Input for board temperature measurement. The PWM activity will be stopped when the temperature exceeds the user defined threshold. See Figure 7 . If the voltage on Temp pin, falls below a defined threshold the device will stop the system. Figure 7. Temperature measurement The admissible voltage that the pin can accept is between 0 and 1.23 V STNRGPF02, STNRGPF12 Measurements section DS12895 - Rev 2 page 8/43 |