Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STNRGPF02 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 2Page - STMicroelectronics STNRGPF02 Datasheet HTML 3Page - STMicroelectronics STNRGPF02 Datasheet HTML 4Page - STMicroelectronics STNRGPF02 Datasheet HTML 5Page - STMicroelectronics STNRGPF02 Datasheet HTML 6Page - STMicroelectronics STNRGPF02 Datasheet HTML 7Page - STMicroelectronics STNRGPF02 Datasheet HTML 8Page - STMicroelectronics STNRGPF02 Datasheet HTML 9Page - STMicroelectronics STNRGPF02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
3
STNRGPF02/12 blocks diagram
The block diagram of both STNRGPF02/12 devices is shown in Figure 4
Figure 4. STNRGPFx2 Block diagram
STNRGPFx2
Driving
& Interleaving
Programming
Measurements
Analog
comparators
Cooling system
control
Start-up & Inrush
function
Status indicators
Digital controller
Voltage &
current loops
3.1
Voltage and current loops
The STNRGPFx2 controllers implement a mixed signal average current control. The task of digital voltage loop is
to regulate the output voltage of the PFC. Vin and Iout measurements are used to implement Input/Output Feed-
Forward (I/O FFD), so load steps or input voltage variations are quickly compensated by acting on digital PI
output calculations. This function allows to keep the output voltage to the setpoint value and as constant as
possible (see Figure 5).
STNRGPF02, STNRGPF12
STNRGPF02/12 blocks diagram
DS12895 - Rev 2
page 6/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43