| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DST Fiches technique(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST Fiches technique(HTML) 95 Page - STMicroelectronics |
|
95 / 180 page ![]() DocID033525 Rev 2 95/180 LSM6DST Register description 180 9.36 FSM_STATUS_B_MAINPAGE (37h) Finite State Machine status register (r). Table 108. FSM_STATUS_B_MAINPAGE register description Table 107. FSM_STATUS_B_MAINPAGE register IS_FSM16 IS_FSM15 IS_FSM14 IS_FSM13 IS_FSM12 IS_FSM11 IS_FSM10 IS_FSM9 IS_FSM16 Interrupt status bit for FSM16 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM15 Interrupt status bit for FSM15 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM14 Interrupt status bit for FSM14 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM13 Interrupt status bit for FSM13 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM12 Interrupt status bit for FSM12 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM11 Interrupt status bit for FSM11 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM10 Interrupt status bit for FSM10 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM9 Interrupt status bit for FSM9 interrupt event. (1: interrupt detected; 0: no interrupt) |