| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DST Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 180 page ![]() DocID033525 Rev 2 59/180 LSM6DST Functionality 180 6.6.4 Continuous-to-FIFO mode In Continuous-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 011), FIFO behavior changes according to the trigger event detected in one of the following interrupt events: Single tap Double tap Wake-up Free-fall D6D When the selected trigger bit is equal to '1', FIFO operates in FIFO mode. When the selected trigger bit is equal to '0', FIFO operates in Continuous mode. 6.6.5 Bypass-to-Continuous mode In Bypass-to-Continuous mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = '100'), data measurement storage inside FIFO operates in Continuous mode when selected triggers are equal to '1', otherwise FIFO content is reset (Bypass mode). FIFO behavior changes according to the trigger event detected in one of the following interrupt events: Single tap Double tap Wake-up Free-fall D6D 6.6.6 Bypass-to-FIFO mode In Bypass-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = '111'), data measurement storage inside FIFO operates in FIFO mode when selected triggers are equal to '1', otherwise FIFO content is reset (Bypass mode). FIFO behavior changes according to the trigger event detected in one of the following interrupt events: Single tap Double tap Wake-up Free-fall D6D |