Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DST Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 73Page - STMicroelectronics LSM6DST Datasheet HTML 74Page - STMicroelectronics LSM6DST Datasheet HTML 75Page - STMicroelectronics LSM6DST Datasheet HTML 76Page - STMicroelectronics LSM6DST Datasheet HTML 77Page - STMicroelectronics LSM6DST Datasheet HTML 78Page - STMicroelectronics LSM6DST Datasheet HTML 79Page - STMicroelectronics LSM6DST Datasheet HTML 80Page - STMicroelectronics LSM6DST Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 180 page
background image
DocID033525 Rev 2
77/180
LSM6DST
Register description
180
9.9
INT1_CTRL (0Dh)
INT1 pin control register (r/w)
Each bit in this register enables a signal to be carried over INT1 when the MIPI I3CSM
dynamic address is not assigned (I²C or SPI is used). Some bits can be also used to trigger
an IBI (In-Band Interrupt) when the MIPI I3CSM interface is used. The output of the pin will
be the OR combination of the signals selected here and in MD1_CFG (5Eh).
Table 40. INT1_CTRL register description
Table 39. INT1_CTRL register
DEN_
DRDY_
flag
INT1_CNT
_BDR
INT1_
FIFO
_FULL
INT1_
FIFO_
OVR
INT1_
FIFO_TH
INT1_
BOOT
INT1_
DRDY_G
INT1_
DRDY_XL
DEN_DRDY_flag
Sends DEN_DRDY (DEN stamped on Sensor Data flag) to INT1 pin
INT1_CNT_BDR
Enables COUNTER_BDR_IA interrupt on INT1
INT1_FIFO_FULL
Enables FIFO full flag interrupt on INT1 pin. It can be also used to
trigger an IBI when the MIPI I3CSM interface is used.
INT1_FIFO_OVR
Enables FIFO overrun interrupt on INT1 pin. It can be also used to trigger an
IBI when the MIPI I3CSM interface is used.
INT1_FIFO_TH
Enables FIFO threshold interrupt on INT1 pin. It can be also used to trigger
an IBI when the MIPI I3CSM interface is used.
INT1_BOOT
Enables boot status on INT1 pin
INT1_DRDY_G
Enables gyroscope data-ready interrupt on INT1 pin. It can be also used to
trigger an IBI when the MIPI I3CSM interface is used.
INT1_DRDY_XL
Enables accelerometer data-ready interrupt on INT1 pin. It can be also used
to trigger an IBI when the MIPI I3CSM interface is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More