Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963T Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 34Page - STMicroelectronics L9963T Datasheet HTML 35Page - STMicroelectronics L9963T Datasheet HTML 36Page - STMicroelectronics L9963T Datasheet HTML 37Page - STMicroelectronics L9963T Datasheet HTML 38Page - STMicroelectronics L9963T Datasheet HTML 39Page - STMicroelectronics L9963T Datasheet HTML 40Page - STMicroelectronics L9963T Datasheet HTML 41Page - STMicroelectronics L9963T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
SO16N (10x4x1.25 mm) package information
Figure 21. SO16N (10x4x1.25 mm) package outline
L9963T
Package information
DS13590 - Rev 4
page 38/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45