Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963T Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Fiches technique(HTML) 2 Page - STMicroelectronics

  L9963T Datasheet HTML 1Page - STMicroelectronics L9963T Datasheet HTML 2Page - STMicroelectronics L9963T Datasheet HTML 3Page - STMicroelectronics L9963T Datasheet HTML 4Page - STMicroelectronics L9963T Datasheet HTML 5Page - STMicroelectronics L9963T Datasheet HTML 6Page - STMicroelectronics L9963T Datasheet HTML 7Page - STMicroelectronics L9963T Datasheet HTML 8Page - STMicroelectronics L9963T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
1.2
Pin description
Figure 2. Pin connection diagram (top view)
•
Digital
•
Analog
•
Power
•
GND
1
VIO
2
SDO
3
SCK
4
SDI
5
NCS
6
DIS
7
ISOFREQ
16
VDD
15
ISOP
14
ISOM
13
GND
10
SPICLKFREQ
TXAMP
12
NSLAVE
BNE/CPOL
8
11
TXEN/CPHA
9
L9963T
Block diagram and pin description
DS13590 - Rev 4
page 2/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45