Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963T Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 33Page - STMicroelectronics L9963T Datasheet HTML 34Page - STMicroelectronics L9963T Datasheet HTML 35Page - STMicroelectronics L9963T Datasheet HTML 36Page - STMicroelectronics L9963T Datasheet HTML 37Page - STMicroelectronics L9963T Datasheet HTML 38Page - STMicroelectronics L9963T Datasheet HTML 39Page - STMicroelectronics L9963T Datasheet HTML 40Page - STMicroelectronics L9963T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
5
Mission profile
The following section contains the ECU mission profile considered for the L9963T.
Device is Grade 2 qualified.
Table 29. Ambient temperature distribution
Application
Ti /Th [°C]
Distribution [%]
Time [h]
-40
1
80
10
1.5
120
45
3.2
256
60
4.5
360
70
6.2
496
80
8.1
648
85
8.8
704
90
9.3
744
95
9.6
768
100
9.8
784
105
9.9
792
110
9.6
768
115
8.4
672
120
6.1
488
125
4
320
Sum
100
8000
L9963T
Mission profile
DS13590 - Rev 4
page 37/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45