Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963T Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 37Page - STMicroelectronics L9963T Datasheet HTML 38Page - STMicroelectronics L9963T Datasheet HTML 39Page - STMicroelectronics L9963T Datasheet HTML 40Page - STMicroelectronics L9963T Datasheet HTML 41Page - STMicroelectronics L9963T Datasheet HTML 42Page - STMicroelectronics L9963T Datasheet HTML 43Page - STMicroelectronics L9963T Datasheet HTML 44Page - STMicroelectronics L9963T Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection diagram (top view)....................................................... 2
Figure 3.
Supply ranges .................................................................... 5
Figure 4.
NSLAVE pin structure .............................................................. 10
Figure 5.
DIS pin structure .................................................................. 11
Figure 6.
ISOFREQ pin structure ............................................................. 12
Figure 7.
BNE/CPOL pin structure ............................................................ 13
Figure 8.
TXEN/CPHA pin structure ........................................................... 14
Figure 9.
TXAMP pin structure ............................................................... 15
Figure 10.
SPICLKFREQ thresholds ............................................................ 17
Figure 11.
SPICLKFREQ pin structure .......................................................... 18
Figure 12.
L9963T FSM .................................................................... 20
Figure 13.
First power up sequence ............................................................ 21
Figure 14.
Wake up sequence ................................................................ 22
Figure 15.
Isolated SPI pulse shape and logical meaning ............................................. 29
Figure 16.
Transformer-Based ISO lines circuit .................................................... 32
Figure 17.
Capacitive-Based ISO lines circuit...................................................... 33
Figure 18.
Distributed BMS in dual access ring topology .............................................. 34
Figure 19.
Centralized BMS in dual access ring topology.............................................. 35
Figure 20.
Generic application ................................................................ 35
Figure 21.
SO16N (10x4x1.25 mm) package outline ................................................. 38
Figure 22.
Recommended footprint............................................................. 39
L9963T
List of figures
DS13590 - Rev 4
page 44/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45