Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9960 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 85Page - STMicroelectronics L9960 Datasheet HTML 86Page - STMicroelectronics L9960 Datasheet HTML 87Page - STMicroelectronics L9960 Datasheet HTML 88Page - STMicroelectronics L9960 Datasheet HTML 89Page - STMicroelectronics L9960 Datasheet HTML 90Page - STMicroelectronics L9960 Datasheet HTML 91Page - STMicroelectronics L9960 Datasheet HTML 92Page - STMicroelectronics L9960 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
DS11115 Rev 10
89/95
L9960, L9960T
Package information
94
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
5.1
PowerSSO-36 (exposed pad) package mechanical data
Figure 39. PowerSSO-36 (exposed pad) package mechanical drawing
7587131_I_EH
b1
c1
c
(b)
BASE METAL
WITH PLATING
H
E2
D1
ggg
C A-B D
ggg
CA-B D
GAUGE PLANE
L2
S
2
L1
L
B
B
h
h
1
1
E4
D3
A
A2
A1
e
b
ddd
CD
ccc C
SEATING PLANE
// eee C
D
f f f C A-B
2x
A
E
D
bbb C
2x N/2 TIPS
E1
A
A
N
N/2
1 2 3
B
aaa CD
2x
E3
D2
index area
(0.25D x 0.75E1)
pin 1 indicator
R
R1
G1x2
G3
G3
G3
G2
Bottom view
Top view
GAPGPS03424
Section A-A
Section B-B
(see Section A-A)
(see Section B-B)
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95