| Moteur de recherche de fiches techniques de composants électroniques |
|
L9960 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 95 page ![]() Functional description L9960, L9960T 76/95 DS11115 Rev 10 Read ASIC name (ID), and ASIC silicon version ASIC name (ID) can be read back after the following command word “Electronic ID request“: Following, the Response to Command word “Electronic ID request“: L9960 silicon version can be read back after the following command word “Silicon version request“: Response to Command word “Silicon version request“: Address D10 D9D8D7D6 D5D4 D3D2 D1D0 parity_bit 1111 00000 0000 0 0 1 Address R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 11 11 0 0 0 0 1 1 1 0 1 10 0 ASIC name [00 1110 0100] Address D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 parity_bit 1 1 1 1 0 0000000001 0 Address R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 11 11 x x x x x x 0 000 00 Supplier Silicon version Table 89. Supplier ID code - R11 R10 Description Supplier ID[1:0] 0 0 1st source -0 1 2nd source Table 90. Silicon version identifier Silicon version R9 R8 R7 R6 Description - 0 0 0 0 Silicon AA - 0 0 0 1 Silicon AB - 0 0 0 1 Silicon AC -… … … … … |