| Moteur de recherche de fiches techniques de composants électroniques |
|
L9960 Fiches technique(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960 Fiches technique(HTML) 84 Page - STMicroelectronics |
|
84 / 95 page ![]() The command and answer words of an SPI communication are described below: Table 98. SPI communication command and answer words Word ID Address D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Parity bit ON state #0(1) 0 000 - - - - - - - - - - - - Not used #1 (2) 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 - overcurrent monitoring #2 (2) 0 0 1 0 SW reset[1:0] (00) 0 0 0 0 0 0 0 - restart trigger #3 0 0 1 1 CL[1:0] (01) 1(3) - configuration 1 #4 (2) 0 100 OTsd_thr_var (000) OTwarn_thr_var (000) 0(4) - configuration 2 #5 (2) 0 101 TVVL[3:0] (1111) 0 0 0 0 0 - configuration 3 (WL mode trigger) #6 (5) 0 110 TDSR (0) OL_ON (0) X X X X X X X X X - configuration 4 |