| Moteur de recherche de fiches techniques de composants électroniques |
|
L9960 Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960 Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 95 page ![]() #7a 0 1 1 1 0 0 0 0 0 0 0 0 0 0 1 1 configuration request 1 #7b 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 configuration request 2 #7c 0 1 1 1 0 0 0 0 0 0 0 0 1 0 0 1 configuration request 3 #7d 0 1 1 1 0 0 0 0 0 0 0 1 0 0 0 1 configuration request 4 #7e 0 1 1 1 0 0 0 0 0 0 1 0 0 0 0 1 configuration request 5 #8a 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 states request 1 #8b 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 states request 2 #8c 1 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 states request 3 #9 1 0 0 1 0 0 0 0 0 0 0 0 0 0 TRIG (0) OFF STATE diagnosis #10a(6) 1 0 1 0 Reserved Reserved #10b(6) 1 0 1 0 Reserved Reserved #11(6) 1 0 1 1 Reserved Reserved #12a 1 1 0 0 All '0's (D10:D0), parity bit (1) Reserved #12b 1 1 0 0 '00000000001' + parity bit at 0 Reserved #13a 1 101 0 0 0 0 0 0 0 0 0 0 0 0 component traceability number request 1 #13b 1 101 0 0 0 0 0 0 0 0 0 0 1 1 component traceability number request 2 #14 1 1 1 0 Reserved Reserved #15a 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 1 electronic id request #15b 1 1 1 1 0 0 0 0 0 0 0 0 0 0 1 0 silicon version request #15c 1 1 1 1 0 0 0 0 0 0 0 0 0 1 0 0 Logic HW version request 1. Command frame '0' is not used. 2. In command frames 1, 2, 4 and 5 the bitfileds set to '0' must be respected otherwise internal logic will discard the command. These bits are consequently used as internal cross-check by logic on valid address for correct frame processing 3. D[1] BITFIELD IN SPI COMMAND #3 must be kept at 1. 4. D[1] bitfield in SPI command #4 must be kept at 0. 5. After POR or SW reset, D[8]..D[0] bitfield is set at ' 0_0111_1101 '. This POR value is not processed by the logic as whatever further configuration. This bitfield status is mirrored in bitfield R[9]..R[1] in answer frame #7d. 6. Frame 10a, 10b and 11 are reserved SPI command frames for ATE. If sent by, the SDO response will be the error frame 0x0000h. Table 98. SPI communication command and answer words (continued) Word ID Address D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Parity bit ON state |