| Moteur de recherche de fiches techniques de composants électroniques |
|
BW50RAM Fiches technique(PDF) 78 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM Fiches technique(HTML) 78 Page - Fuji Electric |
|
78 / 93 page ![]() 06/78 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice n Dimensions, mm • 400AF to 800AF Molded Case Circuit Breakers G-TWIN series External accessories A C A′ J′ J′ M6 or ø7 H J J Handle CL Breaker Breaker F E Panel drilling Mounting screw L of slider C L of slider C L of handle C L of handle C Padlock (Not supplied) L of breaker C L of breaker C Type Dimensions, mm Mass(Kg) A (A') B C D E F G H J (J') K L BW9M1HA-3 355 (70) 257 215 20 94.5 132.5 54.5 171 44 (70) 215 38 BW9M1HA-4 470 (140) 257 260 20 94.5 132.5 54.5 216 44 (140) 215 38 BW9M1JA-3 500 (105) 275 290 20 94.5 132.5 54.5 220 70 (105) 243 38 9.5 20 ø3.5 Notes: • The dimensions and Breaker mounting holes for back surface mounting are different from those given above. Inquire for details. • If a padlock is required, use a commercially available padlock with the dimensions shown in the diagram at the right. • External installation forms F and R are not applicable to the MCCB on the left of the diagram. |