| Moteur de recherche de fiches techniques de composants électroniques |
|
BW50RAM Fiches technique(PDF) 49 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM Fiches technique(HTML) 49 Page - Fuji Electric |
|
49 / 93 page ![]() 06/49 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Mounting hole Mounting hole Terminal cover Pannel Trip button Trip button M4 or ø5 M4 or ø5 Panel drilling Panel drilling MCCB MCCB ø24 ø24 L C 35 35 35 35 52.5 105 100 22 35 35 22 L C 85 50 52.5 22 140 35 35 35 22 ON 68 64 Max. 6 37 3.5 7 95 35 70 L C L C L C L C Terminal cover Pannel ON 68 64 Max. 6 37 3.5 7 95 L C L C L C L C ø9 (M8 x 25 bolt) ø9 (M8 x 25 bolt) Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. BW160 -2P, 3P BW250 -2P, 3P BW160 -4P BW250 -4P Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, rear connection (type X) |