| Moteur de recherche de fiches techniques de composants électroniques |
|
BW50RAM Fiches technique(PDF) 77 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM Fiches technique(HTML) 77 Page - Fuji Electric |
|
77 / 93 page ![]() 06/77 06 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories n Dimensions, mm • 125AF to 250AF ON Fig.1 M4 or ø5 M4 or ø5 M4 or ø5 M4 or ø5 2-M4 or ø4.5 2-M4 or ø4.5 2-M4 or ø4.5 2-M4 or ø4.5 Breaker Breaker Breaker Breaker Breaker Breaker Breaker Breaker Mounting screw: M4 x 10 (x2) 25 15 15 35 ø19 A P N B L C L of slider C Padlock (Not supplied) L of breaker C L of breaker C L of breaker C L of breaker C L of breaker C L C L C L C L C L C C Fig.2 L C L C C Fig.3 L C L C C Fig.4 L Handle C L Handle C Panel drilling Type Dimensions, mm Panel Drilling Mass(Kg) P N A B C D BW9M1CA-2 90 88 150 60 – 132 Fig.1 BW9M1CA-3 120 118 210 90 30 132 Fig.2 BW9M1CA-4 150 148 270 102 30 132 Fig.4 BW9M1GA-3 135 133 240 105 35 126 Fig.3 BW9M1GA-4 170 168 310 140 35 126 Fig.4 Notes: • The dimensions and Breaker mounting holes for back surface mounting are different from those given above. Inquire for details. • If a padlock is required, use a commercially available padlock with the dimensions shown in the diagram at the right. • External installation forms F and R are not applicable to the MCCB on the left of the diagram. 9.5 20 ø3.5 |