| Moteur de recherche de fiches techniques de composants électroniques |
|
BW50RAM Fiches technique(PDF) 45 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM Fiches technique(HTML) 45 Page - Fuji Electric |
|
45 / 93 page ![]() 06/45 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 BW800 -3P Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, front connection Panel drilling Front panel cutting Panel drilling Front panel cutting 7 7 38.5 93 94.5 103 4 4 117.5 146 205 44 84 MCCB 70 207 or more M6 or ø7 MCCB R2 or less L C L C L C L C 210 70 70 70 52 Mounting hole Insulation barrier Detachable Trip button M12 x 40 Hexagon head bolt M12 x 40 Hexagon head bolt 10 93 94.5 103 4 4 117.5 146 210 70 70 70 52 205 44 10 41.5 84 Trip button Insulation barrier Detachable Mounting hole MCCB R2 or less 70 207 or more M6 or ø7 MCCB L C L C L C L C BW800 -4P Mounting hole Trip button M12 x 40 Hexagon head bolt Insulation barrier Detachable Panel drilling Front panel cutting 7 7 38.5 94.5 103 4 4 117.5 146 84 38.5 CL CL M6 or ø7 CL L C L C L C MCCB MCCB 280 70 70 70 75.5 205 70 70 44 35 207 or more 70 R2 or less |