Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 52 Page - ams AG

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Fiches technique(HTML) 52 Page - ams AG

Back Button AS7421 Datasheet HTML 45Page - ams AG AS7421 Datasheet HTML 46Page - ams AG AS7421 Datasheet HTML 47Page - ams AG AS7421 Datasheet HTML 48Page - ams AG AS7421 Datasheet HTML 49Page - ams AG AS7421 Datasheet HTML 50Page - ams AG AS7421 Datasheet HTML 51Page - ams AG AS7421 Datasheet HTML 52Page - ams AG AS7421 Datasheet HTML 53Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Document Feedback
AS7421
Revision Information
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 51
14
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams-OSRAM AG standard
warranty as given in the General Terms of Trade, but these products have
been superseded and should not be used for new designs
Changes from previous version to current revision v1-00
Page
Initial production version
Document security class is updated to “Public” in the footer
Removed 730 nm LED from all chapters
All
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53