Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 5 Page - ams AG

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Fiches technique(HTML) 5 Page - ams AG

  AS7421 Datasheet HTML 1Page - ams AG AS7421 Datasheet HTML 2Page - ams AG AS7421 Datasheet HTML 3Page - ams AG AS7421 Datasheet HTML 4Page - ams AG AS7421 Datasheet HTML 5Page - ams AG AS7421 Datasheet HTML 6Page - ams AG AS7421 Datasheet HTML 7Page - ams AG AS7421 Datasheet HTML 8Page - ams AG AS7421 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Document Feedback
AS7421
General Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 4
Benefits
Features
Full calibration support package available for
sensor integration
Calibration library support which includes data
post-processing of spectral raw data
Data output options: raw data, absorbance
spectra, 1st derivative of absorbance spectra, 2nd
derivative of absorbance spectra
1.2
Applications
●
Spectral material identification of goods and fabrics
●
Moisture measurements in industrial or agricultural environments
●
Brix and dry matter measurements of fruits (fruit ripeness)
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2 :
Functional Blocks of AS7421
AS7421
VDD
SCL
SDA
INT
GPIO
LED A
64 CH NIR
750-1050nm
sensor
GND
reflective
surface
light in
MCU
PGND
RST
4x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53