| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7421 Fiches technique(PDF) 38 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7421 Fiches technique(HTML) 38 Page - ams AG |
|
38 / 53 page ![]() Document Feedback AS7421 Register Description Datasheet • PUBLIC DS000667 • v1-00 • 2022-Aug-25 52 │ 37 10.2.9 LED_WAIT Register (Address 0x3D) Figure 39: LED_WAIT Register Addr: 0x3D LED_WAIT Bit Bit Name Default Access Bit Description 7:0 LED_WAIT 0 RW Wait time between switching on the LED and begin of integration/modulation. ������������������������_������������������������ = (������������������_������������������������) × 1024µ������ 10.2.10 CFG_PINMAP Register (Address 0x3E) Figure 40: CFG_PINMAP Register Addr: 0x3E CFG_PINMAP Bit Bit Name Default Access Bit Description 6:4 INT_PINMAP 0 RW Select signal to output pin INTX. 0: INTX 1: LTF_READY 2: LTF_BUSY 3: LED_ON Others: Reserved 3 INT_INVERT 0 RW Invert output pin INTX 2:0 GPIO_PINMAP 0 RW Select signal to output pin GPIO. 0: GPIO 1: LTF_READY 2: LTF_BUSY 3: LED_ON Others: Reserved |