Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7421 Fiches technique(PDF) 8 Page - ams AG

No de pièce AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Fiches technique(HTML) 8 Page - ams AG

Back Button AS7421 Datasheet HTML 4Page - ams AG AS7421 Datasheet HTML 5Page - ams AG AS7421 Datasheet HTML 6Page - ams AG AS7421 Datasheet HTML 7Page - ams AG AS7421 Datasheet HTML 8Page - ams AG AS7421 Datasheet HTML 9Page - ams AG AS7421 Datasheet HTML 10Page - ams AG AS7421 Datasheet HTML 11Page - ams AG AS7421 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Document Feedback
AS7421
Pin Assignment
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 7
Pin Number
Pin Name
Pin Type(1)
Description
7
RST
DI
Reset input with internal pull down resistor.
Active high
6
LED A
A_I
Supply voltage for NIR LEDs anode.
5
PGND
A_I
Ground. All voltages referenced to GND
11
GND
P
Exposed pad, connect to GND with thermal vias
12
LED A
A_I
Exposed pad, connect to LED A
(1)
Explanation of abbreviations:
DI
Digital Input
D_I/O
Digital Input/Output
DO_OD
Digital Output, open drain
P
Power pin
A_I
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53