| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 27 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (3/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name Y12 CSI_VDD18 CSI_VDD18 CSI_VDD18 NC 1.8V Note: Unused in case of RZ/Five — — E25 DDR_ADDR0 DDR_ADDR0 DDR_ADDR0 SD1_CD DDR4 SDRAM (IC7) — — K25 DDR_ADDR1 DDR_ADDR1 DDR_ADDR1 DDR_ADDR1 DDR4 SDRAM (IC7) — — P23 DDR_ADDR10 DDR_ADDR10 DDR_ADDR10 DDR_ADDR10 DDR4 SDRAM (IC7) — — H25 DDR_ADDR11 DDR_ADDR11 DDR_ADDR11 DDR_ADDR11 DDR4 SDRAM (IC7) — — N23 DDR_ADDR12 DDR_ADDR12 DDR_ADDR12 DDR_ADDR12 DDR4 SDRAM (IC7) — — D23 DDR_ADDR13 DDR_ADDR13 DDR_ADDR13 DDR_ADDR13 DDR4 SDRAM (IC7) — — H23 DDR_ADDR14 DDR_ADDR14 DDR_ADDR14 DDR_ADDR14 DDR4 SDRAM (IC7) — — D25 DDR_ADDR15 DDR_ADDR15 DDR_ADDR15 DDR_ADDR15 DDR4 SDRAM (IC7) — — C25 DDR_ADDR2 DDR_ADDR2 DDR_ADDR2 DDR_ADDR2 DDR4 SDRAM (IC7) — — J25 DDR_ADDR6 DDR_ADDR6 DDR_ADDR6 DDR_ADDR6 DDR4 SDRAM (IC7) — — A24 DDR_ADDR7 DDR_ADDR7 DDR_ADDR7 DDR_ADDR7 DDR4 SDRAM (IC7) — — F25 DDR_ADDR8 DDR_ADDR8 DDR_ADDR8 DDR_ADDR8 DDR4 SDRAM (IC7) — — B24 DDR_ADDR9 DDR_ADDR9 DDR_ADDR9 DDR_ADDR9 DDR4 SDRAM (IC7) — — E24 DDR_BA0 DDR_BA0 DDR_BA0 DDR_BA0 DDR4 SDRAM (IC7) — — L24 DDR_BA1 DDR_BA1 DDR_BA1 DDR_BA1 DDR4 SDRAM (IC7) — — F23 DDR_BA2 DDR_BA2 DDR_BA2 DDR_BA2 DDR4 SDRAM (IC7) — — A23 DDR_ CALIBRATION DDR_ CALIBRATION DDR_ CALIBRATION DDR_ CALIBRATION DDR4 SDRAM (IC7) — — J24 DDR_CAS# DDR_CAS# DDR_CAS# DDR_CAS# DDR4 SDRAM (IC7) — — M25 DDR_CKE DDR_CKE DDR_CKE DDR_CKE DDR4 SDRAM (IC7) — — P24 DDR_CLK_N DDR_CLK_N DDR_CLK_N DDR_CLK_N DDR4 SDRAM (IC7) — — P25 DDR_CLK_P DDR_CLK_P DDR_CLK_P DDR_CLK_P DDR4 SDRAM (IC7) — — N24 DDR_CS0# DDR_CS0# DDR_CS0# DDR_CS0# DDR4 SDRAM (IC7) — — L23 DDR_CS1# DDR_CS1# DDR_CS1# DDR_CS1# DDR4 SDRAM (IC7) — — U23 DDR_DM0 DDR_DM0 DDR_DM0 DDR_DM0 DDR4 SDRAM (IC7) — — Y24 DDR_DM1 DDR_DM1 DDR_DM1 DDR_DM1 DDR4 SDRAM (IC7) — — T25 DDR_DQ0 DDR_DQ0 DDR_DQ0 DDR_DQ0 DDR4 SDRAM (IC7) — — W24 DDR_DQ1 DDR_DQ1 DDR_DQ1 DDR_DQ1 DDR4 SDRAM (IC7) — — W23 DDR_DQ10 DDR_DQ10 DDR_DQ10 DDR_DQ10 DDR4 SDRAM (IC7) — — AD25 DDR_DQ11 DDR_DQ11 DDR_DQ11 DDR_DQ11 DDR4 SDRAM (IC7) — — AD23 DDR_DQ12 DDR_DQ12 DDR_DQ12 DDR_DQ12 DDR4 SDRAM (IC7) — — AA23 DDR_DQ13 DDR_DQ13 DDR_DQ13 DDR_DQ13 DDR4 SDRAM (IC7) — — AC24 DDR_DQ14 DDR_DQ14 DDR_DQ14 DDR_DQ14 DDR4 SDRAM (IC7) — — AE24 DDR_DQ15 DDR_DQ15 DDR_DQ15 DDR_DQ15 DDR4 SDRAM (IC7) — — R24 DDR_DQ2 DDR_DQ2 DDR_DQ2 DDR_DQ2 DDR4 SDRAM (IC7) — — Y25 DDR_DQ3 DDR_DQ3 DDR_DQ3 DDR_DQ3 DDR4 SDRAM (IC7) — — T24 DDR_DQ4 DDR_DQ4 DDR_DQ4 DDR_DQ4 DDR4 SDRAM (IC7) — — U25 DDR_DQ5 DDR_DQ5 DDR_DQ5 DDR_DQ5 DDR4 SDRAM (IC7) — — R25 DDR_DQ6 DDR_DQ6 DDR_DQ6 DDR_DQ6 DDR4 SDRAM (IC7) — — T23 DDR_DQ7 DDR_DQ7 DDR_DQ7 DDR_DQ7 DDR4 SDRAM (IC7) — — AD24 DDR_DQ8 DDR_DQ8 DDR_DQ8 DDR_DQ8 DDR4 SDRAM (IC7) — — AA24 DDR_DQ9 DDR_DQ9 DDR_DQ9 DDR_DQ9 DDR4 SDRAM (IC7) — — |