| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A Fiches technique(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A Fiches technique(HTML) 66 Page - Renesas Technology Corp |
|
66 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 3. Operation Specifications R01UH0990EJ0101 Rev.1.01 Page 66 of 83 Jul 28, 2022 3.2.1 Functions of Switches and Mode Terminals The RTK9743U11C01000BE contains one switch. Table 3.5 lists mounted switches. Figure 3.8 shows a block diagram of the System Setting interface. Table 3.5 Switches Mounted on the RTK9743U11C01000BE No. Function Note SW1 System setting DIP switch For details, see Table 3.6 to Table 3.8 Figure 3.8 Block Diagram of System Setting I/F DEBUGEN MD_CLKS BSCANP MD_OSCDRV0 MD_OSCDRV1 RZ/G2UL, RZ/A3UL, RZ/Five |