| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A Fiches technique(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A Fiches technique(HTML) 76 Page - Renesas Technology Corp |
|
76 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 5. Appendix R01UH0990EJ0101 Rev.1.01 Page 76 of 83 Jul 28, 2022 The RZ SMARC Series Carrier Board is as follows. This picture is of the RTK97X4XXXB00000BE. Figure 5.2 Top View of the RZ SMARC Series Carrier Board Board Name Type Name RZ SMARC Series Carrier Board RTK97X4XXXB00000BE The Evaluation board Kit is as follows. This board consists of the SMARC Module Board and the RZ SMARC Series Carrier Board via a 314-pin 0.5-mm pitch connector. This picture is of the RTK9743U11S01000BE. Figure 5.3 Top View of the Evaluation board Kit |