| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A Fiches technique(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A Fiches technique(HTML) 70 Page - Renesas Technology Corp |
|
70 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 4. Parallel to HDMI Converision Board R01UH0990EJ0101 Rev.1.01 Page 70 of 83 Jul 28, 2022 The connection procedure of the 50mm FPC is follows. The top and bottom surfaces of the FPC are shown below. Top surface Bottom surface Figure 4.2 Top and Bottom Views of the 50mm FPC 1. Lift up the actuator. Use thumb or index finger. Figure 4.3 How to install the 50mm FPC (1) 2. Fully insert the FPC in the connector parallel to mounting surface, with the exposed conductive traces facing down Figure 4.4 How to install the 50mm FPC (2) |