Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
For further information about the R/W-bit, see Table 42 on page 56.
[2]
For further information about the register selection bits, see Table 42 on page 56.
Temperature compensation control commands
Temperature-ctrl
01
000
000TCE
TMF
TME
Section 8.4.1
TC-slope
A
01
000
001TSA[2:0]
Section 8.4.3
B
01
000
010TSB[2:0]
C
01
000
011TSC[2:0]
D
01
000
100TSD[2:0]
E
01
000
101TSE[2:0]
F
01
000
110TSF[2:0]
TC-set
1
01
000
111T1T[2:0]
Section 8.4.2
2
01
001
000T2T[2:0]
3
01
001
001T3T[2:0]
4
01
001
010T4T[2:0]
Display control commands
Set-MUX-mode
00
000
000M[2:0]
Section 8.5.1
Inversion-mode
00
010
110INV[2:0]
Section 8.5.2
Display-ctrl
00
000
1110
0DE
Section 8.5.3
Clock and frame frequency command
Frame-frequency
0
0
0
1
1
1
FF[4:0]
Section 8.6.4
Display RAM commands
Write-display-data
0
0
1
DB[7:0]
Section 8.7.1
Input-bank-select
00
000
0010
IB[1:0]
Section 8.7.2
Output-bank-select
00
000
0100
OB[1:0]
Data-pointer-init
00
010
1000
00
Section 8.7.3
Data-pointer
MSB
0
0
0
1
0
0
0
0
PX[6:4]
LSB
0
0
0
1
0
0
1
PX[3:0]
Table 5.
Commands of PCA8530 …continued
Command name
R/W[1]
Register
selection
RS[1:0][2]
Command bits
Reference
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More