Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 86 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 86 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 82Page - NXP Semiconductors PCF8545ATT Datasheet HTML 83Page - NXP Semiconductors PCF8545ATT Datasheet HTML 84Page - NXP Semiconductors PCF8545ATT Datasheet HTML 85Page - NXP Semiconductors PCF8545ATT Datasheet HTML 86Page - NXP Semiconductors PCF8545ATT Datasheet HTML 87Page - NXP Semiconductors PCF8545ATT Datasheet HTML 88Page - NXP Semiconductors PCF8545ATT Datasheet HTML 89Page - NXP Semiconductors PCF8545ATT Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
86 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Table 53.
Bump locations of PCA8530DUG
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 59.
Symbol
Pin Coordinates
Pitch
Symbol
Pin Coordinates
Pitch
X (
m)
Y (
m) X (m)
X (
m)
Y (
m) X (m)
COM3
1
2847.5 495
-
S101
126 2846.7
495
-
2
2802.5 495
45
127 2801.7
495
45
3
2757.5 495
45
S100
128 2756.7
495
45
4
2712.5 495
45
S99
129 2711.7
495
45
5
2667.5 495
45
S98
130 2666.7
495
45
6
2622.5 495
45
S97
131 2621.7
495
45
7
2577.5 495
45
S96
132 2576.7
495
45
COM2
8
2532.5 495
45
S95
133 2531.7
495
45
9
2487.5 495
45
S94
134 2486.7
495
45
10
2442.5 495
45
S93
135 2441.7
495
45
11
2397.5 495
45
S92
136 2396.7
495
45
VLCDIN
12
2352.5 495
45
S91
137 2351.7
495
45
13
2307.5 495
45
S90
138 2306.7
495
45
14
2262.5 495
45
S89
139 2261.7
495
45
15
2217.5 495
45
S88
140 2216.7
495
45
VLCDSENSE
16
2172.5 495
45
S87
141 2171.7
495
45
17
2127.5 495
45
S86
142 2126.7
495
45
18
2082.5 495
45
S85
143 2081.7
495
45
VLCDOUT
19
2037.5 495
45
S84
144 1975.7
495
106
20
1992.5 495
45
S83
145 1930.7
495
45
21
1947.5 495
45
S82
146 1885.7
495
45
22
1902.5 495
45
S81
147 1840.7
495
45
T4
23
1857.5 495
45
S80
148 1795.7
495
45
24
1812.5 495
45
S79
149 1750.7
495
45
25
1767.5 495
45
S78
150 1705.7
495
45
T3
26
1722.5 495
45
S77
151 1660.7
495
45
27
1677.5 495
45
S76
152 1615.7
495
45
28
1632.5 495
45
S75
153 1570.7
495
45
29
1587.5 495
45
S74
154 1525.7
495
45
30
1542.5 495
45
S73
155 1480.7
495
45
T5
31
1497.5 495
45
S72
156 1435.7
495
45
32
1452.5 495
45
S71
157 1390.7
495
45
T6
33
1407.5 495
45
S70
158 1345.7
495
45
34
1362.5 495
45
S69
159 1300.7
495
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More