Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 88 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 88 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 84Page - NXP Semiconductors PCF8545ATT Datasheet HTML 85Page - NXP Semiconductors PCF8545ATT Datasheet HTML 86Page - NXP Semiconductors PCF8545ATT Datasheet HTML 87Page - NXP Semiconductors PCF8545ATT Datasheet HTML 88Page - NXP Semiconductors PCF8545ATT Datasheet HTML 89Page - NXP Semiconductors PCF8545ATT Datasheet HTML 90Page - NXP Semiconductors PCF8545ATT Datasheet HTML 91Page - NXP Semiconductors PCF8545ATT Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
88 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
SA1
72
347.5
495
45
S49
197
536.5
495
45
73
392.5
495
45
S48
198
581.5
495
45
VDD1
74
437.5
495
45
S47
199
626.5
495
45
75
482.5
495
45
S46
200
671.5
495
45
76
527.5
495
45
S45
201
716.5
495
45
77
572.5
495
45
S44
202
761.5
495
45
78
617.5
495
45
S43
203
806.5
495
45
VDD3
79
662.5
495
45
S42
204
851.5
495
45
80
707.5
495
45
S41
205
896.5
495
45
81
752.5
495
45
S40
206
941.5
495
45
82
797.5
495
45
S39
207
986.5
495
45
VDD2
83
842.5
495
45
S38
208
1031.5 495
45
84
887.5
495
45
S37
209
1076.5 495
45
85
932.5
495
45
S36
210
1121.5 495
45
86
977.5
495
45
S35
211
1166.5 495
45
87
1022.5
495
45
S34
212
1211.5 495
45
88
1067.5
495
45
S33
213
1256.5 495
45
89
1112.5
495
45
S32
214
1301.5 495
45
90
1157.5
495
45
S31
215
1346.5 495
45
CE
91
1202.5
495
45
S30
216
1391.5 495
45
92
1247.5
495
45
S29
217
1436.5 495
45
CLK
93
1292.5
495
45
S28
218
1481.5 495
45
94
1337.5
495
45
S27
219
1526.5 495
45
95
1382.5
495
45
S26
220
1571.5 495
45
SYNC1
96
1427.5
495
45
S25
221
1616.5 495
45
97
1472.5
495
45
S24
222
1661.5 495
45
98
1517.5
495
45
S23
223
1706.5 495
45
SYNC0
99
1562.5
495
45
S22
224
1751.5 495
45
100 1607.5
495
45
S21
225
1796.5 495
45
101 1652.5
495
45
S20
226
1841.5 495
45
RST
102 1697.5
495
45
S19
227
1886.5 495
45
103 1742.5
495
45
S18
228
1931.5 495
45
SDI/SDAIN
104 1787.5
495
45
S17
229
1976.5 495
45
105 1832.5
495
45
S16
230
2082.5 495
106
106 1877.5
495
45
S15
231
2127.5 495
45
Table 53.
Bump locations of PCA8530DUG …continued
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 59.
Symbol
Pin Coordinates
Pitch
Symbol
Pin Coordinates
Pitch
X (
m)
Y (
m) X (m)
X (
m)
Y (
m) X (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More