Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 62 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 62 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 58Page - NXP Semiconductors PCF8545ATT Datasheet HTML 59Page - NXP Semiconductors PCF8545ATT Datasheet HTML 60Page - NXP Semiconductors PCF8545ATT Datasheet HTML 61Page - NXP Semiconductors PCF8545ATT Datasheet HTML 62Page - NXP Semiconductors PCF8545ATT Datasheet HTML 63Page - NXP Semiconductors PCF8545ATT Datasheet HTML 64Page - NXP Semiconductors PCF8545ATT Datasheet HTML 65Page - NXP Semiconductors PCF8545ATT Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
62 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
For a temperature readout (see Section 8.10.4.1 on page 40), the R/W bit must be logic 1.
The next data byte following is provided by the PCA8530 as shown in Figure 41.
In this example, the bias system is set to 1⁄3. The transfer is terminated by CE returning to logic 1. After the last bit is
transmitted, the state of the SDI/SDAIN line is not important.
Fig 40. SPI-bus example
Fig 41. SPI-bus protocol - read example
Data transfers are terminated by de-asserting CE (set CE to logic 1).
Fig 42. SPI-bus protocol - write example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More