Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DAZ Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 4Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 5Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 6Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 7Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 8Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 11Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
8.
Functional description
8.1 Commands of PCA8530
The PCA8530 is controlled by the commands defined in Table 5.
Remark: Any other combinations of operation code bits that are not mentioned in this document may lead to undesired
operation modes of PCA8530.
Table 5.
Commands of PCA8530
Command name
R/W[1]
Register
selection
RS[1:0][2]
Command bits
Reference
7
6
5
4
3
2
1
0
General control commands
Initialize
00
000
1110
10
Section 8.2.1
OTP-refresh
00
011
0110
00
Section 8.2.2
Device-address
00
000
0110
A[1:0]
Section 8.2.3
SYNC1_pin
0
0
0
1
0
1110
0OE
Section 8.2.4
Clock-out-ctrl
00
011
0101
0COE
Section 8.2.5
Read-select
0
0
0
0
0
0111
0SO
Section 8.2.6
Status-readout temperature
1
0
0
TD[7:0]
Section 8.2.7
device status
SR7
SR6
SR5
SR4
SR[3:0]
Clear-reset-flag
0
0
0
0
0
0111
11
Section 8.2.8
Charge pump and LCD bias control commands
Charge-pump-ctrl
0
0
0
1
1
0
0
CPE
CPC[2:0]
Section 8.3.1
Set-VLCD
MSB
00
001
0V[8:4]
Section 8.3.2
LSB
00
001
10V[3:0]
Set-bias-mode
00
011
0100
B[1:0]
Section 8.3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More