Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA8530DUG/DAZ Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 51Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 52Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 53Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 54Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 55Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 56Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 57Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 58Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
55 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
• In the static drive mode, it is possible to request the content of RAM bank 1 for display
instead of the default RAM bank 0.
• In 1:2 multiplex drive mode, the content of RAM bank 2 may be selected instead of
the default RAM bank 0.
The Output-bank-select command works independently to the Input-bank-select
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More