| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA8530DUG/DAZ Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DAZ Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 32 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.9 Possible display configurations The display configurations possible with the PCA8530 depend on the number of active backplanes outputs required. A selection of possible display configurations is given in Table 29. [1] 7 segment display has 8 segments/elements including the decimal point. [2] 14 segment display has 16 segments/elements including decimal point and accent dot. All the display configurations in Table 29 can be implemented in the typical systems shown in Figure 12 and Figure 13. Fig 11. Example of display types suitable for PCA8530 Table 29. Selection of possible display configurations Number of Backplanes Icons Digits/Characters Dot matrix: Segments/ Elements 7-segment[1] 14-segment[2] 4 408 51 25 408 dots (4 102) 2 204 25 12 204 dots (2 102) 1 102 12 6 102 dots (1 102) |