| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA8530DUG/DAZ Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DAZ Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 27 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver When using the internal VLCD generation, the display must not be enabled before the generation of VLCD with the internal charge pump is completed. Otherwise unwanted display artifacts may appear on the display. (1) This time depends on the external capacitor on the VLCD pins. For a capacitor of 100 nF a delay of about 55 ms to 65 ms is expected. Fig 3. Recommended start-up sequence when using the internal charge pump and the internal clock signal Fig 4. Recommended start-up sequence when using an external supplied VLCD and the internal clock signal |