Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC89LE53RC Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 10Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 11Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 12Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
9
20P3, 20-lead, 0.300" Wide, Plastic Dual Inline
Package (PDIP-20)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 AD
20S, 20-lead, 0.300" Wide, Plastic Gull WIng Small
Outline (SOIC-20 / SOP-20)
Dimensions in Inches and (Millimeters)
PIN1
0.020 (0.508)
0.013 (0.330)
0.299 (7.60)
0.291 (7.39)
0.420 (10.7)
0.393 (9.98)
0.050 (1.27)
0.513 (13.0)
0.497 (12.6)
0.105 (2.67)
0.092 (2.34)
0.012 (0.305)
0.003 (0.076)
0.013 (0.330)
0.009 (0.229)
0.035 (0.889)
0.015 (0.381)
0
8
REF
PIN1
1.060 (26.9)
0.980 (24.9)
0.280 (7.11)
0.240 (6.10)
0.090(2.29)
MAX
0.005(0.127)
MIN
0.900(22.86) REF
0.210(5.33)
MAX
0.150 (3.81)
0.115 (2.92)
0.100 (2.54)
0.070(1.78)
0.045(1.13)
0.022 (0.559)
0.014 (0.356)
0.015(0.381)MIN
0.325(8.26)
0.300(7.62)
0.014(0.356)
0.008(0.203)
0.430(10.92)MAX
0
15
REF
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More