Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC89LE53RC Fiches technique(PDF) 81 Page - List of Unclassifed Manufacturers

No de pièce STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Fiches technique(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 77Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 78Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 79Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 80Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 81Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 82Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 83Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 84Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
81
PWM 输出 C 语言示例
#include<reg52.h>
sfr  CCON   = 0xD8;
sfr  CMOD   = 0xD9;
sfr  CL     = 0xE9;
sfr  CH     = 0xF9;
sfr  CCAP0L = 0xEA;
sfr  CCAP0H = 0xFA;
sfr  CCAPM0 = 0xDA;
sfr  CCAPM1 = 0xDB;
sbit  CR = 0xDE;
void main(void)
{
    CMOD = 0x02; // Setup PCA timer
    CL = 0x00;
    CH = 0x00;
    CCAP0L = 0xc0;  //Set the initial value same as CCAP0H
    CCAP0H = 0xc0;  //25% Duty Cycle
    CCAPM0 = 0x42;  //0100,0010  Setup PCA module 0 in PWM mode
    CR = 1; //Start PCA Timer.
    while(1){};
 }
    STC12C5410AD 系列单片机 PWM 输出 C 语言示例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More