Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC89LE53RC Fiches technique(PDF) 136 Page - List of Unclassifed Manufacturers

No de pièce STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Fiches technique(HTML) 136 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 132Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 133Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 134Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 135Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 136Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 137Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 138Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 139Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 140Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
136
RST     1           20     VCC
RxD/P3.0     2           19     P1.7/SCLK/ADC7
TxD/P3.1     3           18     P1.6/MISO/ADC6
XTAL2     4           17     P1.5/MOSI/ADC5
INT0/P3.2     6           15     P1.3/ADC3
INT1/P3.3     7           14     P1.2/ADC2
ECI/T0/P3.4     8           13     P1.1/ADC1
PWM1/CEX1/T1/P3.5     9           12     P1.0/ADC0
Gnd     10          11     P3.7/CEX0/PWM0
XTAL1     5           16     P1.4/SS/ADC4
RST     1           20     VCC
RxD/P3.0     2           19     P1.7/SCLK
TxD/P3.1     3           18     P1.6/MISO
XTAL2     4           17     P1.5/MOSI
INT0/P3.2     6           15     P1.3
INT1/P3.3     7           14     P1.2
ECI/T0/P3.4     8           13     P1.1
PWM1/CEX1/T1/P3.5     9           12     P1.0
Gnd     10          11     P3.7/CEX0/PWM0
XTAL1     5           16     P1.4/SS
       STC12C2052AD 系列单片机管脚图及封装尺寸
STC12C2052
STC12C2052AD
20P3, 20-lead, 0.300" Wide, Plastic Dual Inline
Package (PDIP-20)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 AD
20S, 20-lead, 0.300" Wide, Plastic Gull WIng Small
Outline (SOIC-20 / SOP-20)
Dimensions in Inches and (Millimeters)
PIN1
0.020 (0.508)
0.013 (0.330)
0.299 (7.60)
0.291 (7.39)
0.420 (10.7)
0.393 (9.98)
0.050 (1.27)
0.513 (13.0)
0.497 (12.6)
0.105 (2.67)
0.092 (2.34)
0.012 (0.305)
0.003 (0.076)
0.013 (0.330)
0.009 (0.229)
0.035 (0.889)
0.015 (0.381)
0
8
REF
PIN1
1.060 (26.9)
0.980 (24.9)
0.280 (7.11)
0.240 (6.10)
0.090(2.29)
MAX
0.005(0.127)
MIN
0.900(22.86) REF
0.210(5.33)
MAX
0.150 (3.81)
0.115 (2.92)
0.100 (2.54)
0.070(1.78)
0.045(1.13)
0.022 (0.559)
0.014 (0.356)
0.015(0.381)MIN
0.325(8.26)
0.300(7.62)
0.014(0.356)
0.008(0.203)
0.430(10.92)MAX
0
15
REF
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More